Part Number Hot Search : 
A2611 EM78P MH110 1409G PZU10B2 EC4A16 GF32E1 HA178L56
Product Description
Full Text Search
 

To Download MID-11422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDE LOOK PACKAGE NPN PHOTODETECTOR
Description
The MID-11422 is a NPN silicon phototransistor mounted in a lensed ,water clear plastic and side looking package.
5.720.12 (.225.005)
MID-11422
Package Dimensions
4.450.12 (.175.005) 2.22 (.087)
1.220.07 (.048 .003)
Unit : mm ( inches )
0.76 (.030)
1.550.12 (.061 .005)
Features
l l l l
12.70 MIN. (.500)
Wide range of collector current Lensed for high sensitivity Clear transparent package Low cost plastic package
1.00 MIN. (.040) 2.54 (.100) 0.50 TYP. (.020)
E C Notes : 1. Tolerance is 0.25mm (.010") unless otherwise noted . 2. Protruded resin under flange is 1.5 mm (.059") max 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 100 30 5 -55 C to +100 C -55oC to +100oC 260 C for 5 seconds
o o o o
Unit mW V V
Unity Opto Technology Co., Ltd.
02/04/2002
MID-11422
Optical-Electrical Characteristics
@ TA=25oC Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current
Iceo-Collector Dark Current-A
Test Conditions Ie=0.1mA Ee=0 Ie=0.1mA Ee=0 Ic=0.5 mA Ee=0.1mW/cm2 VR =30V , 0=1K IC=1mA VCE=10V Ee=0mW/cm2 VCE=5V Ee=0.1mW/cm2
Symbol V(BR)CEO V(BR)ECO VCE(SAT) Tr Tf ICEO IC(ON)
Min. 30
Typ .
Max.
Unit V
5
V
0.4 15 15 100
V S nA
0.256
mA
1000 100 10 1 0.1 0.01 0.001 0 40 80 120
IC Normalized Collector Current
Typical Optical-Electrical Characteristic Curves
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
Vce =5 V Ee =0.1 mW/cm2 @= 940 nm
Tr Tf Rise and Fall Time - S
200 160 120 80 40 0 0
Relative Collector Current
TA - Ambient Temperature - oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 ms
-75
-25
25
75
125
TA - Ambient Temperature -oC FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE
5
Vce = 5 V
4 3 2 1 0 0 1 2 3 4 5
2
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE Relative Sensitivity
2
4
6
8
10
6
Ee - Irradiance - mW/cm FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE 0 10 20
30
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
40 50 60 70 80 90
FIG.5 SENSITIVITY DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-11422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X